PART |
Description |
Maker |
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
CY62157DV3006 CY62157DV30L-55BVXE CY62157DV30L-55B |
8-Mbit (512K x 16) MoBL㈢ Static RAM 8-Mbit (512K x 16) MoBL? Static RAM 8-Mbit (512K x 16) MoBL垄莽 Static RAM 8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
CY7C1386DV25-250BZXI CY7C1386DV25-250BZI CY7C1386D |
18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 18兆位(为512k × 36/1M × 18)流水线双氰胺同步静态存储器 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 512K X 36 CACHE SRAM, 2.6 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 512K X 36 CACHE SRAM, 3.4 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1363B-133AJC CY7C1363B-133AJI CY7C1363B-133AI |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 7.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 6.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 512K X 18 CACHE SRAM, 7.5 ns, PBGA119 CONNECTOR ACCESSORY
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C1460AV33 |
36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM)
|
Cypress Semiconductor Corp.
|
AB28F400BX-T90 A28F400BX-B AB28F400BX-B90 |
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT 256K x16/ 512K x8 BOOT BLOCK FLASH MEMORY FAMILY JT 23C 2#16 21#20 SKT RECP JT 32C 32#20 PIN RECP 4-MBIT (256K x16. 512K x8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56K x16。为512k × 8)启动块闪存系列 4-MBIT (256K x16, 512K x8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel Corporation Intel Corp. Intel, Corp.
|
CY7C1361C-133AXC CY7C1361C-133BGI CY7C1361C-133AJX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 8.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 9兆位56 × 36/512K × 18)流通过的SRAM 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM 256K X 36 CACHE SRAM, 6.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
CY62148DV30 CY62148DV30LL-55BVI CY62148DV30L-55ZSX |
4-Mbit (512K x 8) MoBL垄莽 Static RAM 4-Mbit (512K x 8) MoBL? Static RAM
|
Cypress Semiconductor
|